Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p7?1/2 ? features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thinfilm resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/ off conditions need to be set for operation, making device design easy.  structure pnp digital transistor (built-in resistors type) equivalent circuit dta124eka DTA124ECA ? absolute maximum ratings(t a =25 c) parameter symbol unit supply voltage v cc ?50 v input voltage v in ?40~+10 v output current i o ?30 ma i c(max.) ?100 power dissipation p d 200 mw junction temperature t j 150 c storage temperature t stg ?55~+150 c limits (dta124eka DTA124ECA ) digital transistors (built-in resistors) out gnd(+) out r1 r2 gnd(+) in in 2.9 + 0.2 1.9 + 0.2 0.95 + 0.95 (1) (2) (3) + 0.2 1.6 - 0.1 2.8 + 0.2 + 0.1 0.4 - 0.05 + 0.1 0.15 - 0.06 + 0.2 1.1 - 0.1 0.8 + 0.1 0 ~ 0.1 0.3 ~ 0.6 (1) gnd (2) in (3) out all terminals have same dimensions 2.9 + 0.2 1.9 + 0.2 0.95 + 0.95 (1) (2) (3) + 0.2 1.3 - 0.1 2.4 + 0.2 + 0.1 0.4 - 0.05 + 0.1 0.15 - 0.06 + 0.2 0.95 - 0.1 0.45 + 0.1 0 ~ 0.1 (1) gnd (2) in (3) out all terminals have same dimensions dta124eka DTA124ECA 0.2min eiaj: sc? 59 eiaj: sot? 23
p7?2/2  elecrical characteristics(t a =25c) parameter symbol min. typ. max. unit conditions input voltage v i(off) ? ? ?0.5 v v cc =? 5v,i o =?100 a v i(on) ?3 ? ? v o = ? 0.2v,i o = ?5ma output voltage v o(on) ? ?0.1 ?0.3 v i o /i i = ?10ma/?0.5ma input current i i ? ? ?0.36 ma v i = ? 5v output current i o(off) ? ? ?0.5 av cc =? 50v,v i = 0 v dc current gain g i 56 ? ? ? v o = ? 5v,i o =? 5ma input resistance r 1 15.4 22 28.6 k ? ? resistance ratio r 2 / r 1 0.8 1 1.2 ? ? transition frequency f t ? 250 ? mhz v ce = ?10v,i e = 5 ma,f=100mhz* *transition frequency of the device dta124eka DTA124ECA electrical characteristic curves input voltage: v i(on) ( v ) -100 -50 -20 -10 -5 -2 -1 -0.5 -0.2 -0.1 -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m output current: i o (a) figure 1. input voltage vs.output current (on characteristics) t a = ?40c 25c 100c v o = ? 0.3v output current: i o ( a ) -10m -5m -2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 0 ?0.5 ?1.0 ?1.5 ?2.0 ?2.5 ?3.0 input voltage: v i(on) (v) figure 2. output current vs.input voltage (off characteristics) t a = 100c 25c ?40c v cc = ? 5 v dc current gain: g i 1k 500 200 100 50 20 10 5 2 1 -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m output current: i o (a) figure 3. dc current gain vs.output current v o = ? 5 v t a = 100c 25c ?40c output voltage: v o(on) ( v ) -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01 -.005 -.002 -.001 -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m output current: i o (a) figure 4. output voltage vs.output current i o / i i = 20 t a = 100c 25c ?40c


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X